Part Number Hot Search : 
08M94R 200CC 2S05E0 1N494209 SS149A 4S1008 2N6348AG 1N1204R
Product Description
Full Text Search
 

To Download MAAM-007219-000000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
Features
* * * * * * * * * * * Ideal for DECT Applications Output Power: +26.5 dBm Power Gain: 24.5 dB Single Positive Supply Class A Bias No External RF Matching Required Lead-Free SOIC-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant version of MA02203AD
MAAM-007219 V1
Functional Schematic
N/C +VDD1 GND GND RFIN GND GND N/C 16 pin narrow body SOIC N/C +VDD2 GND GND RFOUT GND GND N/C
Description
The MAAM-007219 is a two stage power amplifier designed for DECT applications to have an output power of +26.5 dBm with an input power of 2.0 dBm. This power amplifier operates at +3.6 volts with 35% typical power added efficiency. The MAAM-007219 is mounted in a narrow body leadfree 16-pin SOIC plastic package. The MAAM-007219 is fabricated using M/A-COM's self-aligned MSAG(R)-Lite MESFET process for a low single supply voltage, high power efficiency, and excellent reliability.
Pin Configuration
Pin
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Function
N/C VDD1 GND GND RFIN GND GND N/C N/C GND GND RFOUT GND GND VDD2 N/C
Description
No Connection First Stage Supply Voltage Ground Ground RF Input Ground Ground No Connection No Connection Ground Ground RF Output Ground Ground Second Stage Supply Voltage No Connection
Ordering Information
Part Number
MAAM-007219-000000 MAAM-007219-TR3000 1.
1
Description
Bulk Packaging 13 inch, 3000 piece reel
Reference Application Note M513 for reel size information.
Absolute Maximum Ratings 2,3
Parameter
Input Power Operating Voltages Operating Temperature, Ts Channel Temperature
Absolute Maximum
+6 dBm +5.5 volts -40C to +75C +150C
Storage Temperature
2. 3.
-40C to +150C Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz MAAM-007219 V1
Electrical Specifications: TS = 40 C 4, VDD = +3.6 V, F = 1880 MHz, PIN = +2 dBm, Z0 = 50
Parameter
Output Power Pout Frequency Dependency Power Gain Current Consumption Input VSWR, PA On Input VSWR, PA Off Isolation, PA Off 2nd Harmonics 3 Harmonics Thermal Resistance Load Mismatch Stability 4. Junction of 2nd stage FET to pin 11, Duty Cycle=50% VDD = 4.6 V, VSWR = 10:1, PIN = 7 dBm PIN = -3 to +7 dBm, VDD = 0 - 4.6 V, POUT = 0 mW to 450 mW, TS = -40 to +75 C, Load VSWR = 10:1
rd
Test Conditions
Units
dBm dB dB mA -
Min.
25.5 -- -- -- -- -- -- -- -- --
Typ.
26.5 0.2 24.5 350 1.6:1 1.4:1 40 -31 -55 63 No degradation All spurs < -60 dBc
Max.
27.5 -- -- 420 2.0:1 -- -- -- -- --
VDD1, VDD2 = 0 V VDD1, VDD2 = 0 V
dB dBc dBc
o
C/W -
Ts is the temperature measured at the soldering point of pin 11.
Application Schematic
+VDD
C1 C2
Component List
Item Description
100 pF DLI multilayer ceramic chip capacitor 8.2 nH Coilcraft chip inductor 27 nH Coilcraft chip inductor
P/N
C11AH101K5TXL 1008CT.080XKBB 1008CS.270XKBB
L1
L2
C1, C2 L1 L2
N/C
1
16
N/C
2
15
3
14
4
13
RF INPUT
5 12
RF OUTPUT
Handling Procedures
Please observe the following precautions to avoid damage:
6
11
7
10
N/C
8
9
N/C
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
60mil GETEK Board
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
Typical Performance Curves
Output Power and Current vs. Input Power
30 25 POUT, Output Power (dBm) 20 15 10 5 0 -10 -5 0 PIN, Input Power (dBm) 5 0.0 f = 1.89 GHz VDD = 3.6 V IDD 0.6
MAAM-007219 V1
Output Power, PAE, and VSWR vs. Frequency
45 40 4:1
POUT
POUT (dBm) and (%)
35
IDD, Drain Current (A)
0.4
30 25 20 15 10 5 0 1.7 1.8 1.9 , Frequency (GHz) VSWR
POUT
3:1 Input VSWR 2:1 1:1 2
PIN = +2 dBm VDD = 3.6 V
0.2
Output Power and Current vs. Supply Voltage
30 25 POUT, Output Power (dBm) 20 15 10 5 0 2.8 3.0 3.2 3.4 3.6 3.8 4.0 VDD, Supply Voltage (V) 4.2 4.4 4.6 =1.89 GHz PIN = +2 dBm IDD 0.6 0.5
Harmonics
30 20 POUT, Output Power (dBm) o = 1.89 GHz PIN = +2 dBm VDD = 3.6 V
POUT
0.4 0.3 0.2 0.1 0
IDD, Drain Current (A)
10 0 -10 -20 -30 -40 2 3 Frequency
4
5
Output Power and Current vs. Frequency, Ts = -40oC
30 25 POUT, Ouput Power (dBm) 20 15 10 5 0 1.7 1.8 1.9 , Frequency (GHz) 2 PIN = +2 dBm VDD = 3.6 V IDD 0.6 0.5
Output Power and Current vs. Frequency, Ts = +75oC
30 25 POUT, Ouput Power (dBm) 0.6 0.5 0.4 IDD 0.3 0.2 PIN = +2 dBm VDD = 3.6 V 0.1 0 1.7 1.8 1.9 , Frequency (GHz) 2 IDD, Drain Current (A)
POUT
POUT
0.4 0.3 0.2 0.1 0
IDD, Drain Current (A)
20 15 10 5 0
Ts = -40 C
Ts = +75 C
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
Typical Performance Curves
Output Power and Current vs. Temperature
30 25 POUT, Output Power (dBm) 20 15 10 5 0 -50 -25 0 25 50 TS, Operating Temperature (C) 75 PIN = +2 dBm VDD = 3.6 V IDD 0.6 0.5 0.4 0.3 0.2 0.1 0.0 PDISS, Dissipated Power (W) IDD, Drain Current (A)
MAAM-007219 V1
Power Dissipation vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 TS, Temperature at Solder Point of Pin 11 (C) 175 Slope = -1 / RTH J-S
POUT
Lead Free SOIC-16
Reference Application Note M538 for lead-free solder reflow recommendations.
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAAM-007219-000000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X